| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZMDKBBA56W bảng dữ liệu(PDF) 4 Page - SunLED Corporation |
|
|
|||||||||||||||||||||||||||||
ZMDKBBA56W bảng dữ liệu(HTML) 4 Page - SunLED Corporation |
|
4 / 5 page ![]() Published Date : FEB 25, 2008 Drawing No : SDSA5121 V2 Checked : B.L.LIU P.4/5 Part Number: ZMDKBBA56W 3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP www.SunLED.com Tape Specification (Units : mm) Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Recommended Soldering Pattern (Units : mm; Tolerance: ±0.1) The device has a single mounting surface. The device must be mounted according to the specifications. |