| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZMDK53W bảng dữ liệu(PDF) 3 Page - SunLED Corporation |
|
|
|||||||||||||||||||||||||||||
ZMDK53W bảng dữ liệu(HTML) 3 Page - SunLED Corporation |
|
3 / 4 page ![]() www.SunLED.com Part Number: ZMDK53W 1.6x0.8mm SMD CHIP LED LAMP Published Date : FEB 28,2008 Drawing No : SDSA2388 V7 Checked : B.L.LIU P.3/4 Recommended Soldering Pattern (Units : mm; Tolerance: ± 0.1) Tape Specification (Units : mm) The device has a single mounting surface. The device must be mounted according to the specifications. Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. |