| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZMD79W bảng dữ liệu(PDF) 3 Page - SunLED Corporation |
|
|
|||||||||||||||||||||||||||||
ZMD79W bảng dữ liệu(HTML) 3 Page - SunLED Corporation |
|
3 / 4 page ![]() Published Date : FEB 26, 2008 Drawing No : SDSA0711 V7 Checked : B.L.LIU P.3/4 Part Number: ZMD79W 3.8x2.0mm DOME LENS SMD CHIP LED LAMP www.SunLED.com Tape Specification (Units : mm) Recommended Soldering Pattern (Units: mm ; Tolerance: ± 0.1) Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity/ luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. The device has a single mounting surface. The device must be mounted according to the specifications. |