công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M74HC133M1R bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện M74HC133M1R
Giải thích chi tiết về linh kiện  13 INPUT NAND GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC133M1R bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  M74HC133M1R Datasheet HTML 1Page - STMicroelectronics M74HC133M1R Datasheet HTML 2Page - STMicroelectronics M74HC133M1R Datasheet HTML 3Page - STMicroelectronics M74HC133M1R Datasheet HTML 4Page - STMicroelectronics M74HC133M1R Datasheet HTML 5Page - STMicroelectronics M74HC133M1R Datasheet HTML 6Page - STMicroelectronics M74HC133M1R Datasheet HTML 7Page - STMicroelectronics M74HC133M1R Datasheet HTML 8Page - STMicroelectronics M74HC133M1R Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M74HC133
4/9
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH tPHL Propagation Delay
Time
2.0
42
130
165
195
ns
4.5
16
26
33
39
6.0
14
22
28
33
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
29
pF



Html Pages

1 2 3 4 5 6 7 8 9