công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZMD45FW bảng dữ liệu(PDF) 3 Page - SunLED Corporation

tên linh kiện ZMD45FW
Giải thích chi tiết về linh kiện  3.5x2.8 mm PLCC2 SMD LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUNLED [SunLED Corporation]
Trang chủ  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMD45FW bảng dữ liệu(HTML) 3 Page - SunLED Corporation

  ZMD45FW Datasheet HTML 1Page - SunLED Corporation ZMD45FW Datasheet HTML 2Page - SunLED Corporation ZMD45FW Datasheet HTML 3Page - SunLED Corporation ZMD45FW Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Published Date : FEB 28,2008
Drawing No : SDSA6357
V1
Checked : B.L.LIU
P.3/4
Part Number:
ZMD45FW
3.5x2.8 mm PLCC2 SMD LED
www.SunLED.com
Tape Specification (Units : mm)
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity / Luminous Flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.
Recommended Soldering Pattern
(Units : mm; Tolerance: ±0.1)
The device has a single mounting surface. The device
must be mounted according to the specifications.



Html Pages

1 2 3 4