| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7463AD bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7463AD bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 13 page ![]() 5/13 TDA7463AD Figure 6. Acknowledge on the I2CBUS 4 SOFTWARE SPECIFICATION 4.1 Interface Protocol The interface protocol comprises: ■ A start condition (S) ■ A chip address byte, containing the TDA7463AD address ■ A subaddress bytes ■ A sequence of data (N byte + acknowledge) ■ A stop condition (P) Figure 7. ACK = Acknowledge S = Start P = Stop A = Address B = Auto Increment 5 DATA BYTES Address = (HEX) 10001000 5.1 FUNCTION SELECTION: The first byte (subaddress) B = 1 incremental bus; active B = 0 no incremental bus; X = indifferent 0,1 MSB LSB SUBADDRESS D7 D6 D5 D4 D3 D2 D1 D0 X X B 0 0 0 0 STAND-BY & TREBLE & OTHERS X X B 0 0 0 1 BASS XX B 0 0 1 0 VOLUME SCL 1 MSB 23789 SDA START ACKNOWLEDGMENT FROM RECEIVER D99AU1033 S 1 0 0 0 1 0 0 0 ACK ACK DATA ACK P MSB LSB MSB LSB MSB LSB CHIP ADDRESS D96AU420 X DATA SUBADDRESS DATA 1 to DATA n X X B |