| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STDS75 bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STDS75 bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 37 page ![]() Description STDS75 8/37 Figure 2. Connections (SO8 and TSSOP8) 1. SDA and OS/INT are open drain. Note: See Pin descriptions on page 9 for details. Figure 3. Functional block diagram 1 A2 GND A1 A0 SCL SDA(1) VDD O.S./INT(1) AI11841 2 3 4 8 7 6 5 AI11833a Temperature Sensor and Analog-to-Digital Converter (ADC) Σ-Δ A1 A0 VDD A2 GND Configuration Register SDA SCL O.S. 2-wire I 2 C Interface Pointer Register Control and Logic Comparator Temperature Register THYS Set Point Register TOS Set Point Register |