công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA7513T bảng dữ liệu(PDF) 82 Page - STMicroelectronics

tên linh kiện TDA7513T
Giải thích chi tiết về linh kiện  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T bảng dữ liệu(HTML) 82 Page - STMicroelectronics

Back Button TDA7513T_07 Datasheet HTML 76Page - STMicroelectronics TDA7513T_07 Datasheet HTML 77Page - STMicroelectronics TDA7513T_07 Datasheet HTML 78Page - STMicroelectronics TDA7513T_07 Datasheet HTML 79Page - STMicroelectronics TDA7513T_07 Datasheet HTML 80Page - STMicroelectronics TDA7513T_07 Datasheet HTML 81Page - STMicroelectronics TDA7513T_07 Datasheet HTML 82Page - STMicroelectronics TDA7513T_07 Datasheet HTML 83Page - STMicroelectronics TDA7513T_07 Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
Package information
TDA7513T
82/84
5
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 21.
LQFP80 mechanical data & package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.600
0.0630
A1
0.050
0.150 0.0020
0.0059
A2
1.350
1.400
1.450 0.0531 0.0551 0.0571
b
0.220
0.320
0.380 0.0087 0.0126 0.0150
c
0.090
0.200 0.0035
0.0079
D
15.800 16.000 16.200 0.6220 0.6299 0.6378
D1
13.800 14.000 14.200 0.5433 0.5512 0.5591
D3
12.350
0.4862
E
15.800 16.000 16.200 0.6220 0.6299 0.6378
E1
13.800 14.000 14.200 0.5433 0.5512 0.5591
E3
12.350
0.4862
e
0.650
0.0256
L
0.450
0.600
0.750 0.0177 0.0236 0.0295
L1
1.000
0.0394
k
0˚ (min.); 3.5˚ (typ,); 7˚ (max.)
ccc
0.100
0.0039
LQFP80 (14x14x1.40mm)
Low profile Quad Flat Package
0062342 D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com