công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA7342NTR bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện TDA7342NTR
Giải thích chi tiết về linh kiện  Digitally controlled audio processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7342NTR bảng dữ liệu(HTML) 8 Page - STMicroelectronics

Back Button TDA7342NTR Datasheet HTML 4Page - STMicroelectronics TDA7342NTR Datasheet HTML 5Page - STMicroelectronics TDA7342NTR Datasheet HTML 6Page - STMicroelectronics TDA7342NTR Datasheet HTML 7Page - STMicroelectronics TDA7342NTR Datasheet HTML 8Page - STMicroelectronics TDA7342NTR Datasheet HTML 9Page - STMicroelectronics TDA7342NTR Datasheet HTML 10Page - STMicroelectronics TDA7342NTR Datasheet HTML 11Page - STMicroelectronics TDA7342NTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical specifications
TDA7342
8/20
VTH
Zero crossing threshold
(1)
WIN = 11
20
mV
WIN = 10
40
mV
WIN = 01
80
mV
WIN = 00
160
mV
AMUTE
Mute attenuation
80
100
dB
VDC
DC Step
0dB to Mute
0
3
mV
Soft mute
AMUTE
Mute attenuation
45
60
dB
TDON
ON Delay time
CCSM = 22nF; 0 to -20dB; I =
IMAX
0.7
1
1.7
ms
CCSM = 22nF; 0 to -20dB; I =
IMIN
20
35
55
ms
TDOFF
OFF current
VCSM= 0V; I = IMAX
25
50
75
μA
VCSM= 0V; I = IMIN
1
μA
VTHSM
Soft mute threshold
1.5
2.5
3.5
V
RINT
Pull-up resistor (pin 21)
(2)
35
50
65
K
Ω
VSMH
(pin 21) Level high
3.5
V
VSML
(pin 21) Level low
Soft mute active
1
V
Bass control
BBOOST Max bass boost
15
18
20
dB
BCUT
Max bass cut
-8.5
-10
-11.5
dB
Astep
Step Resolution
1
2
3
dB
Rg
Internal Feedback
Resistance
45
65
85
K
Ω
Treble control
CRANGE Control Range
±13
±14
±15
dB
Astep
Step Resolution
1
2
3
dB
Speaker attenuators
CRANGE Control range
35
37.5
40
dB
Astep
Step resolution
0.5
1.25
2.00
dB
AMUTE
Output mute attenuation
Data word = XXX11111
80
100
dB
EA
Attenuation set error
1.25
dB
VDC
DC Steps
Adjacent attenuation steps
0
3
mV
Table 4.
Electrical characteristics (continued)
(VS = 9V; RL = 10KΩ; Rg = 50Ω; Tamb = 25°C; all gains = 0dB; f = 1KHz. Refer
to the test circuit, unless otherwise specified.)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com