| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6910ATR bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6910ATR bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 29 page ![]() L6910 - L6910A 2/29 Table 2. Absolute Maximum Ratings Table 3. Thermal Data (*) Device soldered on 1 S2P PC board Figure 3. Pins Connection (Top view) Symbol Parameter Value Unit Vcc Vcc to GND, PGND 15 V VBOOT- VPHASE Boot Voltage 15 V VHGATE- VPHASE 15 V OCSET, LGATE, PHASE -0.3 to Vcc+0.3 V SS, FB, PGOOD, VREF, EAREF, RT 7 V COMP 6.5 V Tj Junction Temperature Range -40 to 150 °C Tstg Storage temperature range -40 to 150 °C Ptot Maximum power dissipation at Tamb = 25 °C1 W Symbol Parameter SO-16 HTSSOP16 HTSSOP16 (*) Unit Rth j-amb Thermal Resistance Junction to Ambient 120 110 50 °C/W VREF OSC OCSET SS/INH COMP GND FB EAREF PGOOD PHASE BOOT HGATE PGND LGATE VCC N.C. 1 3 2 4 5 6 7 8 14 13 12 11 10 9 15 16 D03IN1510 VREF OSC OCSET SS/INH N.C. FB COMP GND EAREF PGOOD HGATE PHASE BOOT PGND LGATE VCC D03IN1511 1 3 2 4 5 6 7 8 14 13 12 11 10 9 15 16 |