| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6732 bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6732 bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 37 page ![]() L6732 Application details 25/37 Equation 14 ● Compensation network singularity frequencies: Equation 15 Equation 16 Equation 17 Equation 18 ● Compensation network design: – Put the gain R5/R3 in order to obtain the desired converter bandwidth Equation 19 – Place ω Z1 before the output filter resonance ωLC; – Place ω Z2 at the output filter resonance ωLC; – Place ω P1 at the output capacitor ESR zero ωESR; – Place ω P2 at one half of the switching frequency; – Check the loop gain considering the error amplifier open loop gain. Cout ESR ESR ⋅ = 1 ω ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ + ⋅ ⋅ = 19 18 19 18 5 1 1 C C C C R P ω 20 4 2 1 C R P ⋅ = ω 19 5 1 1 C R Z ⋅ = ω () 4 3 20 2 1 R R C Z + ⋅ = ω LC C Vosc Vin R R ϖ ϖ ⋅ ∆ ⋅ = 3 5 |