công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LRIS2K-A7T bảng dữ liệu(PDF) 61 Page - STMicroelectronics

tên linh kiện LRIS2K-A7T
Giải thích chi tiết về linh kiện  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-A7T bảng dữ liệu(HTML) 61 Page - STMicroelectronics

Back Button LRIS2K-A7T Datasheet HTML 57Page - STMicroelectronics LRIS2K-A7T Datasheet HTML 58Page - STMicroelectronics LRIS2K-A7T Datasheet HTML 59Page - STMicroelectronics LRIS2K-A7T Datasheet HTML 60Page - STMicroelectronics LRIS2K-A7T Datasheet HTML 61Page - STMicroelectronics LRIS2K-A7T Datasheet HTML 62Page - STMicroelectronics LRIS2K-A7T Datasheet HTML 63Page - STMicroelectronics LRIS2K-A7T Datasheet HTML 64Page - STMicroelectronics LRIS2K-A7T Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 102 page
background image
LRIS2K
Lock Block
61/102
27
Lock Block
On receiving the Lock Block command, the LRIS2K permanently locks the selected block.
The Option_flag is supported.
During the write cycle tW, there should be no modulation (neither 100% nor 10%).
Otherwise, the LRIS2K may not lock correctly the memory block. The tW time is equal to
t1nom + 18 × 302µs.
Request parameters:
●
(Optional) UID
●
Block number
Response parameter:
●
No parameter.
Response parameter:
●
Error code as Error_flag is set:
–
10h: block address not available
–
11h: block is locked
–
14h: block not locked
Table 38.
Lock Single Block request format
Request
SOF
Request_
flags
Lock
Block
UID
Block
number
CRC16
Request
EOF
8 bits
22h
64 bits
8 bits
16 bits
Table 39.
Lock Block response format when Error_flag is NOT set
Response
SOF
Response_flags
CRC16
Response
EOF
8 bits
16 bits
Table 40.
Lock Block response format when Error_flag is set
Response
SOF
Response_
Flags
Error code
CRC16
Response
EOF
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com