| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM323 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM323 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 15 page ![]() LM323 Maximum ratings 5/15 3 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied Table 2. Absolute maximum ratings Symbol Parameter Value Unit VI Input voltage 20 V IO Output current Internally limited PD Power dissipation Internally limited TSTG Storage temperature range -65 to 150 °C TOP Operating junction temperature range 0 to 125 °C Table 3. Thermal data Symbol Parameter TO-220 TO-3 Unit RthJC Thermal resistance junction-case 3 2 °C/W RthJA Thermal resistance junction-ambient 50 35 °C/W |