công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM234Z bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện LM234Z
Giải thích chi tiết về linh kiện  Three terminal adjustable current sources
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM234Z bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button LM234Z Datasheet HTML 8Page - STMicroelectronics LM234Z Datasheet HTML 9Page - STMicroelectronics LM234Z Datasheet HTML 10Page - STMicroelectronics LM234Z Datasheet HTML 11Page - STMicroelectronics LM234Z Datasheet HTML 12Page - STMicroelectronics LM234Z Datasheet HTML 13Page - STMicroelectronics LM234Z Datasheet HTML 14Page - STMicroelectronics LM234Z Datasheet HTML 15Page - STMicroelectronics LM234Z Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
LM134-LM234-LM334
Ordering information
15/16
6
Ordering information
7
Revision history
Table 3.
Order codes
Part number
Temperature
range
Package
Packing
Marking
LM134D/DT
-55°C to +125°C
SO-8
Tube or
Tape & reel
LM134
LM134Z/ZT/AP
-55°C to +125°C
TO-92
Bulk or
Tape & reel or
Ammopack
LM134
LM234D/DT
-25°C to +100°C
SO-8
Tube or
Tape & reel
LM234
LM234Z/ZT/AP
-24°C to +100°C
TO-92
Bulk or
Tape & reel or
Ammopack
LM234
LM334D/DT
-0°C to +70°C
SO-8
Tube or
Tape & reel
LM334
LM334Z/ZT/AP
-0°C to +70°C
TO-92
Bulk or
Tape & reel or
Ammopack
LM334
LM334AD/ADT
-0°C to +70°C
SO-8
Tube or
Tape & reel
LM334A
LM334AZ/AZT/AAP
-0°C to +70°C
TO-92
Bulk or
Tape & reel or
Ammopack
LM334A
Date
Revision
Changes
2-May-2003
1
Initial release.
28-Oct-2005
2
Internal revision.
29-May-2007
3
Corrected error in pinout diagram for TO-92 package on cover page
(it is a bottom view, not a top view).
Updated Section 5: Package information and expanded Table 3:
Order codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16