| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LCDP1521 bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LCDP1521 bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 11 page ![]() LCDP1521 2 Characteristics 3/11 2.2 Electrical characteristics (TAMB = 25°C) 2.3 Absolute ratings (Tamb = 25° C, unless otherwise specified). Symbol Parameter IGT Gate triggering current IH Holding current IRM Reverse leakage current LINE / GND IRG Reverse leakage current GATE / LINE VRM Reverse voltage LINE / GND VGT Gate triggering voltage VF Forward drop voltage LINE / GND VFP Peak forward voltage LINE / GND VDGL Dynamic switching voltage GATE / LINE VGATE GATE / GND voltage VRG Reverse voltage GATE / LINE C Capacitance LINE / GND Symbol Parameter Value Unit IPP Peak pulse current (see note1) 10/1000 µs 8/20 µs 10/560 µs 5/310 µs 10/160 µs 1/20 µs 2/10 µs 20 60 20 25 30 60 70 A ITSM Non repetitive surge peak on-state current (50 Hz sinusoidal) t = 10ms t = 1s 5 3.5 A I2tI2t value for fusing (50 Hz sinusoidal) t = 10 ms 0.125 A2s IGSM Maximum gate current (50 Hz sinusoidal) t = 10 ms 2 A VMLG VMGL Maximum voltage LINE/GND Maximum voltage GATE/LINE -40° C < Tamb < +85° C -40° C < Tamb < +85° C -150 -150 V Tstg Tj Storage temperature range Maximum junction temperature - 55 to + 150 150 °C TL Maximum lead temperature for soldering during 10 s 260 °C VRM VR IPP IH IR IRM VF I V |