| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9856TR bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9856TR bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 14 page ![]() Electrical specifications L9856 6/14 2 Electrical specifications 2.1 Thermal data 2.2 Absolute maximum ratings Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to GND, all currents are defined positive into any lead. An operation above the absolute maximum limit is not implied and can damage the part. Table 3. Thermal data Symbol Parameter Value Unit Rth(j-amb) Thermal resistance junction to ambient Max. 150 °C/W Table 4. Absolute maximum ratings Symbol Parameter Value Units Min. Max. VBS High side floating supply voltage. -0.3 20 V VB High side driver output stage voltage neg. transient: 0.5 ms, external MOSFET off. -5 166 V VS High side floating supply offset voltage neg. transient 0.1 µs, repetitive pulse over lifetime at every switching event. -8 150 V VHO Output voltage gate connection. VS - 0.3 VB + 0.3 V VCC Supply voltage. -0.3 20 V VIN Input voltage. -0.3 VCC + 0.3 V IIN Input injection current. Full function, no latch- up; (guaranteed by design). Test at 5 V and 7 V on Eng. Samples. --- +1 mA VRES Reset input voltage. -0.3 VCC + 0.3 V Vesd Electrostatic discharge voltage (human body model). 2k V VCDM Charge device model CDM, EOS/ESD Ass. Std 5.3. Number of discharges per pin: 6. 500 V dV/dt Allowable offset voltage slew rate. -50 50 V/nsec TJ Junction temperature. -55 150 °C Tstg Storage temperature. -55 150 TL Lead temperature (Soldering, 10 seconds) 3 times Bosch soldering profile acc. to Bosch soldering conditions, Gen. Spec. - 300 |