công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM6823LJWY6F bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STM6823LJWY6F
Giải thích chi tiết về linh kiện  5-pin supervisor with watchdog timer and push-button reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6823LJWY6F bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STM6823LJWY6F Datasheet HTML 1Page - STMicroelectronics STM6823LJWY6F Datasheet HTML 2Page - STMicroelectronics STM6823LJWY6F Datasheet HTML 3Page - STMicroelectronics STM6823LJWY6F Datasheet HTML 4Page - STMicroelectronics STM6823LJWY6F Datasheet HTML 5Page - STMicroelectronics STM6823LJWY6F Datasheet HTML 6Page - STMicroelectronics STM6823LJWY6F Datasheet HTML 7Page - STMicroelectronics STM6823LJWY6F Datasheet HTML 8Page - STMicroelectronics STM6823LJWY6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
STM6321/6322STM6821/6822/6823/6824/6825
Description
5/28
1
Description
The STM6xxx supervisors are self-contained devices which provide microprocessor
supervisory functions. A precision voltage reference and comparator monitors the VCC input
for an out-of-tolerance condition. When an invalid VCC condition occurs, the reset output
(RST) is forced low (or high in the case of RST). These devices also offer a watchdog timer
(except for STM6322/6825) and/or a push-button (MR) reset input.
These devices are available in a standard 5-pin SOT23 package.
Figure 1.
Logic diagram (STM6821/6822/6823)
1.
For STM6821 only.
Figure 2.
Logic diagram (STM6321/6322/6824/6825)
1.
For STM6321/6824.
Table 2.
Signal names
MR
Push-button reset input
WDI
Watchdog input
RST
Active-low reset output
RST
Active-high reset output
VCC
Supply voltage
VSS
Ground
AI09128
VCC
STM6XXX
VSS
RST (RST)(1)
WDI
MR
AI09129
VCC
STM6XXX
VSS
RST
RST
(WDI)
(1) MR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28