| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACST4-7CB bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ACST4-7CB bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 13 page ![]() AC line switch basic application ACST4 4/13 2 AC line switch basic application The ACST4 device has been designed to switch on and off low power, but highly inductive or resistive loads such as dishwashers spray pumps, and air-conditioners fan. ■ Pin COM: Common drive reference to connect to the power line neutral ■ Pin G: Switch Gate input to connect to the digital controller ■ Pin OUT: Switch Output to connect to the load ACST4-7S triggering current has to be sunk from the gate pin G. The switch can then be driven directly by logic level circuits through a resistor as shown on the typical application diagram . Thanks to its thermal and turn off commutation performances, the ACST4 switch is able to drive with no turn off additional snubber an inductive load up to 4 A. Figure 2. Typical application diagram OUT COM G ACST4 ST72 MCU N AC MAINS L R - Vcc M LOAD OUT L |