| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM6717MSGWY6F bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6717MSGWY6F bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 29 page ![]() STM6717/6718/6719/6720/STM6777/6778/6779/6780 Description 5/29 1 Description The STM6717/18/19/20 and STM6777/78/79/80 supervisors are a family of low voltage/low supply current processor (Micro or DSP) supervisors, designed to monitor two (or three) system power supply voltages. They are targeted at applications such as Set-Top Boxes (STBs), portable, battery-powered systems, networking, and communication systems. All device options have a push-button-type manual reset input (MR). The STM6777/78/79/80 also includes an option which enables the user to delay the start of the Manual Reset process from 6µs (MRC pin left open) or more with external capacitor. The delay is implemented by connecting the appropriately sized capacitor between the MRC pin and VSS (typical 4s delay with a 3.3µF capacitor, see Table7 on page21). Two of the three supplies monitored (VCC1 and VCC2) have fixed (customer-selectable, factory-trimmed) thresholds (VRST1 and VRST2). The third voltage is monitored using an externally adjustable RSTIN threshold (0.626V internal reference). If any of the three monitored voltages drop below its factory-trimmed or adjustable thresholds, or if MR is asserted to logic low, a RST is asserted (driven low). Once asserted, RST is maintained at Low for a minimum delay period (trec) after ALL supplies rise above their respective thresholds and MR returns to High. These devices are guaranteed to be in the correct reset output logic state when VCC1 and/or VCC2 is greater than 0.8V. These devices are available in a standard 5-pin or 6-pin SOT23 packages (see Table 1 on page 1). |