công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM1404CSNDQ6F bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện STM1404CSNDQ6F
Giải thích chi tiết về linh kiện  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404CSNDQ6F bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button STM1404CSNDQ6F Datasheet HTML 10Page - STMicroelectronics STM1404CSNDQ6F Datasheet HTML 11Page - STMicroelectronics STM1404CSNDQ6F Datasheet HTML 12Page - STMicroelectronics STM1404CSNDQ6F Datasheet HTML 13Page - STMicroelectronics STM1404CSNDQ6F Datasheet HTML 14Page - STMicroelectronics STM1404CSNDQ6F Datasheet HTML 15Page - STMicroelectronics STM1404CSNDQ6F Datasheet HTML 16Page - STMicroelectronics STM1404CSNDQ6F Datasheet HTML 17Page - STMicroelectronics STM1404CSNDQ6F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Operation
STM1404
14/36
3
Operation
3.1
Reset input
The STM1404 security supervisor asserts a reset signal to the MCU whenever VCC goes
below the reset threshold (VRST), or when the push-button reset input (MR) is taken low.
RST is guaranteed to be a logic low for 0 V < VCC < VRST if VBAT is greater than 1 V. Without
a backup battery, RST is guaranteed valid down to VCC =1V.
During power-up, once VCC exceeds the reset threshold an internal timer keeps RST low for
the reset time-out period, trec. After this interval RST returns high.
If VCC drops below the reset threshold, RST goes low. Each time RST is asserted, it stays
low for at least the reset time-out period (trec). Any time VCC goes below the reset threshold
the internal timer clears. The reset timer starts when VCC returns above the reset threshold.
3.2
Push-button reset input
A logic low on MR asserts reset. Reset remains asserted while MR is low, and for trec (see
Figure 25 on page 24) after it returns high. The MR input has an internal 40 k
Ω pull-up
resistor, allowing it to be left open if not used. This input can be driven with TTL/CMOS-logic
levels or with open-drain/collector outputs. Connect a normally open momentary switch from
MR to ground to create a manual reset function; external debounce circuitry is not required.
If MR is driven from long cables or the device is used in a noisy environment, connect a
0.1µF capacitor from MR to VSS to provide additional noise immunity. MR may float, or be
tied to VCC when not used.
3.3
Backup battery switchover
In the event of a power failure, it may be necessary to preserve the contents of external
SRAM through VOUT. With a backup battery installed with voltage VBAT, the devices
automatically switch the SRAM to the backup supply when VCC falls.
Note:
If backup battery is not used, connect both VBAT and VOUT to VCC.
This family of security supervisors does not always connect VBAT to VOUT when VBAT is
greater than VCC. VBAT connects to VOUT (through a 100Ω switch) when VCC is below VSW
(~2.4 V) or VBAT (whichever is lower). This is done to allow the backup battery (e.g., a 3.6 V
battery) to have a higher voltage than VCC.
Assuming that VBAT > 2.0 V, switchover at VSO ensures that battery backup mode is entered
before VOUT gets too close to the 2.0 V minimum required to reliably retain data in most
external SRAMs. When VCC recovers, hysteresis is used to avoid oscillation around the VSO
point. VOUT is connected to VCC through a 3 Ω PMOS power switch.
Note:
The backup battery may be removed while VCC is valid, assuming VBAT is adequately
decoupled (0.1 µF typ), without danger of triggering a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com