| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STTS424E02CDN3E bảng dữ liệu(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTS424E02CDN3E bảng dữ liệu(HTML) 48 Page - STMicroelectronics |
|
48 / 51 page ![]() Landing pattern STTS424E02 48/51 13 Landing pattern The landing pattern recommendations per the JEDEC proposal for the TDFN package (DN) are shown in Figure 19. The preferred implementation with wide corner pads enhances device centering during assembly, but a narrower option is defined for modules with tight routing requirements. Figure 19. Landing pattern - TDFN package (DN) e/2 e/2 e2 K K E2/2 E2/2 E2 D2/2 D2 D2/2 L L e b b b2 b4 K2 K2 K2 E3 E3 e4 ai14000 |