| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM1404CSNCQ6F bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1404CSNCQ6F bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 35 page ![]() Description STM1404 10/36 Figure 6. Tamper pin (TP1 or TP3) normally high (NH) external hookup (switch open) 1. R typical is 10 M Ω. Resistors must be protected against conductive materials. Figure 7. Tamper pin (TP2 or TP4) normally low (NL) external hookup (switch closed) 1. R typical is 10 M Ω. Resistors must be protected against conductive materials. Figure 8. Tamper pin (TP2 or TP4) normally low (NL) external hookup (switch open) 1. R typical is 10 M Ω. Resistors must be protected against conductive materials. AI10461a VOUT (STM1404A) or VTPU (STM1404B/C) R (1) Switch Normally Open Tamper Detection when Closed TP1 or TP3 AI09699a VOUT (STM1404A) or VTPU (STM1404B/C) R (1) Switch Normally Closed; Tamper Detection on Open TP2 or TP4 AI10462a VOUT (STM1404A) or VTPU (STM1404B/C) R (1) Switch Normally Open; Tamper Detection when Closed TP2 or TP4 |