| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE811QTR bảng dữ liệu(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE811QTR bảng dữ liệu(HTML) 46 Page - STMicroelectronics |
|
46 / 54 page ![]() GPIO controller STMPE811 46/54 GPIO_SET_PIN GPIO set pin register Address: 0x10 Type: R/W Reset: 0x00 Description: GPIO set pin register. Writing 1 to this bit causes the corresponding GPIO to go to 1 state. Writing 0 has no effect. GPIO_CLR_PIN Clear pin state register Address: 0x11 Type: R/W Reset: 0x00 Description: GPIO clear pin state register. Writing ‘1’ to this bit causes the corresponding GPIO to go to 0 state. Writing ‘0’ has no effect. GPIO_MP_STA GPIO monitor pin state register Address: 0x12 Type: R/W Reset: 0x00 Description: GPIO monitor pin state. Reading this bit yields the current state of the bit. Writing has no effect. |