| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM1810 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1810 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 25 page ![]() List of figures STM1810/1811/1812/1813/1815/1816/1817/1818 4/25 List of figures Figure 1. Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Figure 2. Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Figure 3. SOT23-3 connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Figure 4. Hardware hookup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Figure 5. Push-pull active-low output (STM1810/1812/1815/1817) . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Figure 6. Open drain, active-low output (STM1811/1816) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Figure 7. Open drain, active-low output (bidirectional, manual reset detect, STM1813/1818) . . . . . . 7 Figure 8. Reset timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Figure 9. Push-button manual reset with MR detect (STM1813/1818) . . . . . . . . . . . . . . . . . . . . . . . 10 Figure 10. Manual reset timing diagram, switch bounce/debounce (STM1813/1818) . . . . . . . . . . . . . 11 Figure 11. Interfacing MCUs with bidirectional reset pins (RST, open drain, STM1811/1816) . . . . . . 11 Figure 12. Valid reset (RST) output down to VCC = 0 V (push-pull). . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Figure 13. Valid reset (RST) output down to VCC = 0 V (push-pull). . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Figure 14. Supply current vs. temperature (no load) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Figure 15. Normalized reset time-out period (trec) vs. temperature - VOD = VTH – VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Figure 16. VCC-to-reset output delay vs. temperature - VOD = VTH – VCC . . . . . . . . . . . . . . . . . . . . . 14 Figure 17. Voltage output low vs. ISINK . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Figure 18. Voltage output high vs. ISOURCE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Figure 19. Normalized reset threshold vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Figure 20. Max transient duration NOT causing reset pulse vs. reset threshold overdrive . . . . . . . . . 16 Figure 21. AC testing input/output waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Figure 22. SOT23-3 – 3-lead small outline transistor package outline . . . . . . . . . . . . . . . . . . . . . . . . 20 |