| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST2329 bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST2329 bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 21 page ![]() ST2329 Electrical characteristics 7/21 5 Electrical characteristics Table 6. DC characteristics (over recommended operating conditions unless otherwise noted. All typical values are at TA = 25 oC) Symbol Parameter Test conditions Value Unit VL VCC TA = 25 oC-40 to 85 oC Min Typ Max Min Max VIHL High level input voltage (I/OVL) 1.65 VL to 5.5 1.4 1.4 V 2.0 1.6 1.6 2.5 2.0 2.0 3.0 2.4 2.4 3.6 2.8 2.8 VILL Low level input voltage (I/OVL) 1.65 VL to 5.5 0.3 0.3 V 2.0 0.4 0.4 2.5 0.5 0.5 3.0 0.6 0.6 3.6 0.8 0.8 VIHC High level input voltage (I/OVCC) 1.65 to VCC 1.8 1.6 1.6 V 2.5 2.3 2.3 3.0 2.7 2.7 3.6 3.3 3.3 4.3 3.5 3.5 5.5 4.2 4.2 VILC Low level input voltage (I/OVCC) 1.65 - 2.5 3 - 5.5 0.3 V 2.7 - 3.6 3.6 - 5.5 0.5 VIH-OE High level input voltage (OE) 1.65 VL to 5.5 1.0 1.0 V 2.0 1.2 1.2 2.5 1.4 1.4 3.0 1.6 1.6 3.6 2.0 2.0 VIL-OE Low level input voltage (OE) 1.65 VL to 5.5 0.33 0.33 V 2.0 0.40 0.40 2.5 0.50 0.50 3.0 0.60 0.60 3.6 0.75 0.75 |