| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS48F4400PLZ00 bảng dữ liệu(PDF) 17 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
JS48F4400PLZ00 bảng dữ liệu(HTML) 17 Page - Numonyx B.V |
|
17 / 102 page ![]() November 2007 Datasheet Order Number: 290701-18 17 Numonyx™ Wireless Flash Memory (W18) Figure 5: 88-Ball (80 Active Balls) QUAD+ Ballout Notes: 1. Unused upper address balls can be treated as NC; for example, 128-Mbit device, A[25:23] are not used. 2. See Section 3.0, “Package Information” on page 13 for the mechanical specifications for the package. Flash specific SRAM/PSRAM specific Global Legend: Top View - Ball Side Down 8 7 6 5 4 3 2 1 A B C D E F G H J K L M DU A4 DU DU DU DU DU DU DU A5 A3 A2 A7 A1 A6 A0 A18 A19 VSS VSS A23 A24 A25 A17 F2-VCC CLK A21 A22 A12 A11 A13 A9 P1-CS# F-VPP, F-VPEN A20 A10 A15 F-WE# A8 D8 D2 D10 D5 D13 WAIT A14 A16 F1-CE# P-Mode, P-CRE VSS VSS VSS P2-CS# F1-VCC F2-VCC VCCQ F3-CE# D0 D1 D9 D3 D4 D6 D7 D15 D11 D12 D14 F1-OE# F2-OE# P-VCC S-CS2 R-WE# R-UB# R-LB# R-OE# S-VCC S-CS1# F1-VCC F-WP# ADV# F-RST# F2-CE# VCCQ VSS VSS VCCQ VSS |