công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STP04CM05B1R bảng dữ liệu(PDF) 17 Page - STMicroelectronics

tên linh kiện STP04CM05B1R
Giải thích chi tiết về linh kiện  4-bit constant current power-LED sink driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM05B1R bảng dữ liệu(HTML) 17 Page - STMicroelectronics

Back Button STP04CM05B1R Datasheet HTML 13Page - STMicroelectronics STP04CM05B1R Datasheet HTML 14Page - STMicroelectronics STP04CM05B1R Datasheet HTML 15Page - STMicroelectronics STP04CM05B1R Datasheet HTML 16Page - STMicroelectronics STP04CM05B1R Datasheet HTML 17Page - STMicroelectronics STP04CM05B1R Datasheet HTML 18Page - STMicroelectronics STP04CM05B1R Datasheet HTML 19Page - STMicroelectronics STP04CM05B1R Datasheet HTML 20Page - STMicroelectronics STP04CM05B1R Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
STP04CM05
Package mechanical data
17/24
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24