| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLED316S bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLED316S bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 33 page ![]() Commands STLED316S 24/33 The display RAM stores the data transmitted from an external device to the STLED316S through the serial interface; addresses are as follows, in 8-bits unit: “0” in memory means GND on output; “1” in memory means VCC on output. Seg1 Seg4 Seg8 00 HL 00 HU DIG2 01 HL 01 HU DIG3 02 HL 02 HU DIG4 03 HL 03 HU DIG5 04 HL 04 HU DIG6 05 HL 05 HU DIG7 b0 b3 b4 b7 XX HL XX HU |