| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC48F4400PLQB0 bảng dữ liệu(PDF) 16 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
PC48F4400PLQB0 bảng dữ liệu(HTML) 16 Page - Numonyx B.V |
|
16 / 102 page ![]() Numonyx™ Wireless Flash Memory (W18) Datasheet November 2007 16 Order Number: 290701-18 Numonyx™ Wireless Flash Memory (W18) 4.0 Ballout and Signal Descriptions 4.1 Signal Ballout The W18 device is available in a 56-ball VF BGA and µBGA Chip Scale Package with 0.75 mm ball pitch, or the 88-ball (80 active balls) QUAD+ SCSP package. Figure 4 shows the device ballout for the VF BGA package. Figure 5 shows the device ballout for the QUAD+ package. Figure 4: 56-Ball VF BGA Ballout Notes: 1. On lower density devices, upper address balls can be treated as NC.; for example, 32-Mbit density, A21 and A22 are NC). 2. See Section 3.0, “Package Information” on page 13 for mechanical specifications for the package. A B C D E F G A B C D E F G Top View - Ball Side Down Complete Ink Mark Not Shown 8 7 6 5 4 3 2 1 1 2 3 4 5 6 7 8 Bottom View - Ball Side Up A4 A6 A18 VPP VCC VSS A8 A11 A3 A5 A17 RST# CLK A20 A9 A12 A2 A7 WE# ADV# A19 A10 A13 A1 A14 WP# DQ12 A16 WAIT A15 A0 CE# DQ1 DQ2 DQ4 DQ6 DQ15 VCCQ OE# DQ0 DQ9 DQ10 DQ11 DQ13 DQ14 VSS VSSQ DQ8 VCCQ DQ3 VCC DQ5 VSSQ DQ7 A22 A21 A4 A6 A18 VPP VCC VSS A8 A11 A3 A5 A17 RST# CLK A20 A9 A12 A2 A7 WE# ADV# A19 A10 A13 A1 A14 WP# DQ12 A16 WAIT A15 A0 CE# DQ1 DQ2 DQ4 DQ6 DQ15 VCCQ OE# DQ0 DQ9 DQ10 DQ11 DQ13 DQ14 VSS VSSQ DQ8 VCCQ DQ3 VCC DQ5 VSSQ DQ7 A22 A21 |