công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC48F4400PLRB0 bảng dữ liệu(PDF) 51 Page - Numonyx B.V

tên linh kiện PC48F4400PLRB0
Giải thích chi tiết về linh kiện  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLRB0 bảng dữ liệu(HTML) 51 Page - Numonyx B.V

Back Button PC48F4400PLRB0 Datasheet HTML 47Page - Numonyx B.V PC48F4400PLRB0 Datasheet HTML 48Page - Numonyx B.V PC48F4400PLRB0 Datasheet HTML 49Page - Numonyx B.V PC48F4400PLRB0 Datasheet HTML 50Page - Numonyx B.V PC48F4400PLRB0 Datasheet HTML 51Page - Numonyx B.V PC48F4400PLRB0 Datasheet HTML 52Page - Numonyx B.V PC48F4400PLRB0 Datasheet HTML 53Page - Numonyx B.V PC48F4400PLRB0 Datasheet HTML 54Page - Numonyx B.V PC48F4400PLRB0 Datasheet HTML 55Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
51
Numonyx™ Wireless Flash Memory (W18)
Table 22: Command Codes and Descriptions (Sheet 1 of 2)
Operation
Code
Device
Command
Description
Read
FFh
Read Array
Places selected partition in Read Array mode.
70h
Read Status
Register
Places selected partition in Status Register read mode. After issuing this
command, reading from the partition outputs SR data on DQ[15:0]. A partition
automatically enters this mode after issuing the Program or Erase command.
90h
Read
Identifier
Places the selected partition in Read ID mode. Device reads from partition
addresses output manufacturer/device codes, Configuration Register data, block
lock status, or protection register data on DQ[15:0].
98h
CFI Query
Puts the addressed partition in CFI Query mode. Device reads from the partition
addresses output CFI information on DQ[7:0].
50h
Clear Status
Register
The WSM can set the Status Register’s block lock (SR[1]), VPP (SR[3]), program
(SR[4]), and erase (SR[5]) status bits, but it cannot clear them. SR[5:3,1] can
only be cleared by a device reset or through the Clear Status Register command.
Program
40h
Word Program
Setup
This preferred program command’s first cycle prepares the CUI for a program
operation. The second cycle latches address and data, and executes the WSM
program algorithm at this location. Status register updates occur when CE# or
OE# is toggled. A Read Array command is required to read array data after
programming.
10h
Alternate
Setup
Equivalent to a Program Setup command (40h).
30h
EFP Setup
This program command activates EFP mode. The first write cycle sets up the
command. If the second cycle is an EFP Confirm command (D0h), subsequent
writes provide program data. All other commands are ignored after EFP mode
begins.
D0h
EFP Confirm
If the first command was EFP Setup (30h), the CUI latches the address and data,
and prepares the device for EFP mode.
Erase
20h
Erase Setup
This command prepares the CUI for Block Erase. The device erases the block
addressed by the Erase Confirm command. If the next command is not Erase
Confirm, the CUI sets Status Register bits SR[5:4] to indicate command
sequence error and places the partition in the read Status Register mode.
D0h
Erase Confirm
If the first command was Erase Setup (20h), the CUI latches address and data,
and erases the block indicated by the erase confirm cycle address. During
program or erase, the partition responds only to Read Status Register, Program
Suspend, and Erase Suspend commands. CE# or OE# toggle updates Status
Register data.
Suspend
B0h
Program
Suspend or
Erase
Suspend
This command, issued at any device address, suspends the currently executing
program or erase operation. Status register data indicates the operation was
successfully suspended if SR[2] (program suspend) or SR[6] (erase suspend)
and SR[7] are set. The WSM remains in the suspended state regardless of
control signal states (except RST#).
D0h
Suspend
Resume
This command, issued at any device address, resumes the suspended program
or erase operation.
Block Locking
60h
Lock Setup
This command prepares the CUI lock configuration. If the next command is not
Lock Block, Unlock Block, or Lock-Down, the CUI sets SR[5:4] to indicate
command sequence error.
01h
Lock Block
If the previous command was Lock Setup (60h), the CUI locks the addressed
block.
D0h
Unlock Block
If the previous command was Lock Setup (60h), the CUI latches the address and
unlocks the addressed block. If previously locked-down, the operation has no
effect.
2Fh
Lock-Down
If the previous command was Lock Setup (60h), the CUI latches the address and
locks-down the addressed block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com