công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STLC7550TQF7 bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện STLC7550TQF7
Giải thích chi tiết về linh kiện  LOW POWER LOW VOLTAGE ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC7550TQF7 bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button STLC7550TQF7 Datasheet HTML 7Page - STMicroelectronics STLC7550TQF7 Datasheet HTML 8Page - STMicroelectronics STLC7550TQF7 Datasheet HTML 9Page - STMicroelectronics STLC7550TQF7 Datasheet HTML 10Page - STMicroelectronics STLC7550TQF7 Datasheet HTML 11Page - STMicroelectronics STLC7550TQF7 Datasheet HTML 12Page - STMicroelectronics STLC7550TQF7 Datasheet HTML 13Page - STMicroelectronics STLC7550TQF7 Datasheet HTML 14Page - STMicroelectronics STLC7550TQF7 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ELECTRICAL SPECIFICATIONS
Unless otherwise noted, Electrical Characteristics are specified over the operating range.
Typical values are given for VDD = 3V, Tamb = 25°C and for nominal Master clock frequency
MCLK = 1.536MHz and oversampling ratio = 160.
Absolute Maximum Ratings (referenced to GND)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
-0.3, 7.0
V
VI,VIN
Digital or Analog Input Voltage
-0.3, VDD+0.3
V
II,IIN
Digital or Analog Input Current
±1mA
IO
Digital Output Current
±20
mA
IOUT
Analog Output Current
±10
mA
Toper
Operating Temperature
0, 70
°C
Tstg
Storage Temperature
-40, 125
°C
PDMAX
Maximum Power Dissipation
200
mW
ESD
Electrostatic Discharge
2000
V
Nominal DC Characteristics (VDD = 3V
± 5%, GND = 0V, TA = 0 to 70°C unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage Range
2.70
3
5.5
V
POWER SUPPLY AND COMMON MODE VOLTAGE
SINGLE POWER SUPPLY (DVDD = AVDD)
IDDA
Analog Supply Current
6
mA
IDDD
Digital Supply Current
4
mA
IDD-LP
Supply Current in Low Power Mode
MCLK Stopped
MCLK Running
1
200
10
µA
µA
VCM
Output Common Mode Voltage
VCM Output Voltage Load Current (see Note 1)
VDD/2-5%
VDD/2
VDD/2+5%
V
DIGITAL INTERFACE
VIL
Low Level Input Voltage
-0.3
0.5
V
VIH
High Level Input Voltage
DVDD-0.5
V
II
Input Current VI = VDD or VI = GND
-10
±110
µA
VOH
High Level Output Voltage (ILOAD = -600
µA)
DVDD-0.5
V
VOL
Low Level Output Voltage (ILOAD = 800
µA)
0.3
V
ANALOG INTERFACE
VREF
Differential Reference Voltage Output
VREF = (VREFP - VREFN)
1.15
1.25
1.35
V
Tempco (VREF)VREF Temperature Coefficient
200
ppm/°C
VCMO IN
Input Common Mode Offset Voltage = [(IN+)+(IN-)]/2 -VCM
-100
100
mV
VDIF IN
Differential Input Voltage : [(IN+)-(IN-)]
≤ 2 x VREF
2 x VREF
Vpp
VOFF IN
Differential Input DC Offset Voltage
-100
100
mV
VCMO OUT
Output Common Mode Voltage Offset :
(OUT+ + OUT-)/2 - VCM (see Note 1)
-20
20
mV
VDIF OUT
Differential Output Voltage : OUT+ - OUT-
≤ 2 x VREF
2 x VREF
V
VOFF OUT
Differential Output DC Offset Voltage : (OUT+ - OUT-) (0000x)
-100
100
mV
RIN
Input Resistance IN+, IN- (id. AUX IN)
100
k
Ω
ROUT
Output Resistance (OUT+, OUT-)
50
Ω
RL
Load Resistance (OUT+, OUT-)
10
k
Ω
CL
Load Capacitance (OUT+, OUT-)
20
pF
VADO OUT
Output A/D Modulator Voltage Offset : IN+ = IN- = VCM
-1000
+1000
LSB
Note :
1. Device is very sensitive to noise on VCM Pin. VCM output voltage load current must be DC (<10
µA). in order to drive dynamic load,
VCM must be buffered. AC variation in VCM current magnitude decrease A/D and D/A performance.
STLC7550
11/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17