| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLC7550TQFP bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC7550TQFP bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 17 page ![]() ELECTRICAL SPECIFICATIONS Unless otherwise noted, Electrical Characteristics are specified over the operating range. Typical values are given for VDD = 3V, Tamb = 25°C and for nominal Master clock frequency MCLK = 1.536MHz and oversampling ratio = 160. Absolute Maximum Ratings (referenced to GND) Symbol Parameter Value Unit VDD DC Supply Voltage -0.3, 7.0 V VI,VIN Digital or Analog Input Voltage -0.3, VDD+0.3 V II,IIN Digital or Analog Input Current ±1mA IO Digital Output Current ±20 mA IOUT Analog Output Current ±10 mA Toper Operating Temperature 0, 70 °C Tstg Storage Temperature -40, 125 °C PDMAX Maximum Power Dissipation 200 mW ESD Electrostatic Discharge 2000 V Nominal DC Characteristics (VDD = 3V ± 5%, GND = 0V, TA = 0 to 70°C unless otherwise specified) Symbol Parameter Min. Typ. Max. Unit VDD Supply Voltage Range 2.70 3 5.5 V POWER SUPPLY AND COMMON MODE VOLTAGE SINGLE POWER SUPPLY (DVDD = AVDD) IDDA Analog Supply Current 6 mA IDDD Digital Supply Current 4 mA IDD-LP Supply Current in Low Power Mode MCLK Stopped MCLK Running 1 200 10 µA µA VCM Output Common Mode Voltage VCM Output Voltage Load Current (see Note 1) VDD/2-5% VDD/2 VDD/2+5% V DIGITAL INTERFACE VIL Low Level Input Voltage -0.3 0.5 V VIH High Level Input Voltage DVDD-0.5 V II Input Current VI = VDD or VI = GND -10 ±110 µA VOH High Level Output Voltage (ILOAD = -600 µA) DVDD-0.5 V VOL Low Level Output Voltage (ILOAD = 800 µA) 0.3 V ANALOG INTERFACE VREF Differential Reference Voltage Output VREF = (VREFP - VREFN) 1.15 1.25 1.35 V Tempco (VREF)VREF Temperature Coefficient 200 ppm/°C VCMO IN Input Common Mode Offset Voltage = [(IN+)+(IN-)]/2 -VCM -100 100 mV VDIF IN Differential Input Voltage : [(IN+)-(IN-)] ≤ 2 x VREF 2 x VREF Vpp VOFF IN Differential Input DC Offset Voltage -100 100 mV VCMO OUT Output Common Mode Voltage Offset : (OUT+ + OUT-)/2 - VCM (see Note 1) -20 20 mV VDIF OUT Differential Output Voltage : OUT+ - OUT- ≤ 2 x VREF 2 x VREF V VOFF OUT Differential Output DC Offset Voltage : (OUT+ - OUT-) (0000x) -100 100 mV RIN Input Resistance IN+, IN- (id. AUX IN) 100 k Ω ROUT Output Resistance (OUT+, OUT-) 50 Ω RL Load Resistance (OUT+, OUT-) 10 k Ω CL Load Capacitance (OUT+, OUT-) 20 pF VADO OUT Output A/D Modulator Voltage Offset : IN+ = IN- = VCM -1000 +1000 LSB Note : 1. Device is very sensitive to noise on VCM Pin. VCM output voltage load current must be DC (<10 µA). in order to drive dynamic load, VCM must be buffered. AC variation in VCM current magnitude decrease A/D and D/A performance. STLC7550 11/17 |