| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC48F4400PLP00 bảng dữ liệu(PDF) 32 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
PC48F4400PLP00 bảng dữ liệu(HTML) 32 Page - Numonyx B.V |
|
32 / 102 page ![]() Numonyx™ Wireless Flash Memory (W18) Datasheet November 2007 32 Order Number: 290701-18 Numonyx™ Wireless Flash Memory (W18) Notes: 1. Section 14.2, “First Access Latency Count (RCR[13:11])” on page 79 describes how to insert clock cycles during the initial access. 2. WAIT (shown asserted; RCR[10]=0) can be configured to assert either during, or one data cycle before, valid data. 3. This waveform illustrates the case in which an x-word burst is initiated to the main array and it is terminated by a CE# de- assertion after the first word in the burst. If this access had been done to Status, ID, or Query reads, the asserted (low) WAIT signal would have remained asserted (low) as long as CE# is asserted (low). Figure 9: Single Synchronous Read-Array Operation Waveform R12 R13 |