| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLC5464 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5464 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 83 page ![]() Pseudo Random Sequence Generator 7 COUNTER XTAL WATCHDOG µP INTERFACE CLOCK SELECTION RAM INTERFACE 8 2 3 28 4 27 26 VCX OUT XTAL1 XTAL2 DIN8 WDO GCI1 GCI0 25 24 23 22 21 20 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 D7 Pseudo Random Sequence Analyser 39 31 32 33 34 SWITCHING MATRIX n x 64 kb/s 35 GCI0 36 37 GCI1 38 12 10 13 11 18 17 9 FSCV* FSCG DCLK To Internal Circuit 16 FS 5CB TIME SLOT ASSIGNER FOR MULTIHDLC GCI CHANNEL DEFINITION V10 32 Rx HDLC with Adress Recognition 32 Rx DMAC 16 Rx C/I 16 Rx MON 16 Tx C/I 16 Tx MON 6EC 32 Tx HDLC with CSMA CR for Content. Bus 32 Tx DMAC µP Bus INTERRUPT CONTROLLER Rx C/I Rx MON Tx C/I Tx MON RAM Bus 49 INT0 50 INT1 Internal Bus BUS ARBITRATION STLC5464 V10 VCX IN DIN7 DIN6 Figure 1 : General Block Diagram II - BLOCK DIAGRAM The top level functionalities of Multi-HDLC appear on the general block diagram. There are : - The switching matrix, - The time slot assigner, - The 32 HDLC transmitters with associated DMA controllers, - The 32 HDLC receivers with associated DMA controllers, - The 16 Command/Indicate and Monitor Channel transmitters belonging to two General Compo- nent Interfaces(GCI), - The 16 Command/Indicate and Monitor Channel receivers belonging to two General Component Interfaces (GCI), - The memory interface, - The microprocessor interface, - The bus arbitration, - The clock selection and time synchronization function, - The interrupt controller, - The watchdog, STLC5464 14/83 |