công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XC61FN1652LL bảng dữ liệu(PDF) 6 Page - Torex Semiconductor

tên linh kiện XC61FN1652LL
Giải thích chi tiết về linh kiện  Voltage Detectors, Delay Circuit Built-In
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOREX [Torex Semiconductor]
Trang chủ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61FN1652LL bảng dữ liệu(HTML) 6 Page - Torex Semiconductor

Back Button XC61FN1652LL Datasheet HTML 2Page - Torex Semiconductor XC61FN1652LL Datasheet HTML 3Page - Torex Semiconductor XC61FN1652LL Datasheet HTML 4Page - Torex Semiconductor XC61FN1652LL Datasheet HTML 5Page - Torex Semiconductor XC61FN1652LL Datasheet HTML 6Page - Torex Semiconductor XC61FN1652LL Datasheet HTML 7Page - Torex Semiconductor XC61FN1652LL Datasheet HTML 8Page - Torex Semiconductor XC61FN1652LL Datasheet HTML 9Page - Torex Semiconductor XC61FN1652LL Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6/14
XC61F Series
■DIRECTIONS FOR USE
●Notes on Use
1. Please use this IC within the stated maximum ratings.
The IC is liable to malfunction should the ratings be exceeded.
2. When a resistor is connected between the VIN pin and the input with CMOS output configurations, oscillation may
occur as a result of voltage drops at RIN if load current (IOUT) exists. It is therefore recommend that no resistor be added.
(refer to Oscillation Description (1) below)
3. When a resistor is connected between the VIN pin and the input with CMOS output configurations, irrespective of N-ch
output configurations, oscillation may occur as a result of through current at the time of voltage release even if load
current (IOUT) does not exist. (refer to Oscillation Description (2) below)
4. With a resistor connected between the VIN pin and the input, detect and release voltage will rise as a result of the IC's
supply current flowing through the VIN pin.
5. If a resistor (RIN) must be used, then please use with as small a level of input impedance as possible in order to control
the occurrences of oscillation as described above.
Further, please ensure that RIN is less than 10kΩ and that CIN is more than 0.1μF (Figure 1). In such cases, detect
and release voltages will rise due to voltage drops at RIN brought about by the IC's supply current.
●Oscillation Description
(1) Oscillation as a result of output current with the CMOS output configuration:
When the voltage applied at IN rises, release operations commence and the detector's output voltage increases. Load
current (IOUT) will flow through RL. Because a voltage drop (RIN x IOUT) is produced at the RIN resistor, located
between the input (IN) and the VIN pin, the load current will flow via the IC's VIN pin. The voltage drop will also lead to
a fall in the voltage level at the VIN pin. When the VIN pin voltage level falls below the detect voltage level, detect
operations will commence. Following detect operations, load current flow will cease and since voltage drop at RIN will
disappear, the voltage level at the VIN pin will rise and release operations will begin over again.
Oscillation may occur with this " release - detect - release " repetition.
Further, this condition will also appear via means of a similar mechanism during detect operations.
(2) Oscillation as a result of through current:
Since the XC61F series are CMOS ICS, through current will flow when the IC's internal circuit switching operates
(during release and detect operations). Consequently, oscillation is liable to occur during release voltage operations
as a result of output current which is influenced by this through current (Figure 3).
Since hysteresis exists during detect operations, oscillation is unlikely to occur.
Figure 1. When using an input resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com