| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLC5412 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5412 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 74 page ![]() MULTIPLE FUNCTION PIN DESCRIPTION Pin 17: CCLK/S2/CONF2 Function or In/Out conditions Function In/Ou t MW(pin) = 1 CCLK In MW(pin) = 0 MO(pin) = 1 CONF2 In MO(pin) = 0 S2 In Pin 18: CI/IO1/ES1/PLLDwith pull up resistor Function or In/Out conditions Function In/Ou t MW(pin) = 1 CI In MW(pin) = 0 MO(pin) = 1 CONF2(pin) = 1 CONF1(pin) = 1 ES1 In CONF1(pin) = 0 IO1(cr5) = 1 I1 In IO1(cr5) = 0 O1 Out CONF2(pin) = 0 CONF1(pin) = 1 PLLD In CONF1(pin) = 0 ES1 In MO(pin) = 0 IO1(cr5) = 1 I1 In IO1(cr5) = 0 O1 Out Pin 19: CO/S1/CONF1 Function or In/Out conditions Function In/Ou t MW(pin) = 1 CO Out MW(pin) = 0 MO(pin) = 1 CONF1 In MO(pin) = 0 S2 In Pin 22: SFSx/RFS with pull up resistor Function or In/Out conditions Function In/Ou t MW(pin) = 1 NTS(cr2) = 1 SFSx Out NTS(cr2) = 0 SFS(cr2) = 1 SFSx Out SFS(cr2) = 0 SFSx In MW(pin) = 0 MO(pin) = 1 CONF2(pin) = 1 SFSx Out CONF2(pin) = 0 RFS In MO(pin) = 0 NTS(cr2) = 1 SFSx Out NTS(cr2) = 0 SFS(cr2) = 1 SFSx Out SFS(cr2) = 0 SFSx In STLC5412 12/74 |