| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLC3065 bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC3065 bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 27 page ![]() APPENDIX C Power Down, Power Down HI-Z Feeding, HI-Z Feeding HI-Z Feeding, Power Down Power Down, HI-Z Feeding Line 1 State, Line 2 State Act Off Hook, Ic Feeding Ic Feeding, Act Off Hook Ringing, Ringing Ringing, Ic Feeding Ic Feeding, Ringing Ic Feeding, Act On Hook Act On Hook, Ic Feeding Act On Hook, Act On Hook SW routine (*) P1=1 P2=0 P1=P2=1 P1=0, P2=1 Tj>Tth Ring Burst Line 1, D2=0/1 Ring Burst Line 2, D2=0/1 D0=D1=P1=P2=0 Line1Off Hook Line1, Off Hook Line1On Hook, P1=1, P2=0 Line2Off Hook Line2Off Hook Line2On Hook P1=P2=1 P1=P2=1 Ring Burst Line1 and 2, D2=0/1 Line1 On Hook, Ring Pause Ring Pause Ring Pause Ring Burst Ring Burst Ring Burst Ring Trip Detection Line 1 Ring Trip Detection Line 2 Line2On Hook, P1=0, P2=1 Line1Off Hook Line1Off Hook Line2 Off Hook Line2 Off Hook Off Hook Detection Ring Trip Detection Figure C1. Typical state diagram for the STLC3065 operation Note: all state transitions are under the microprocessor control. (*) = When the ringing signal is sent to both lines, the STLC3065 is not able to detect the answering line. To detect the answering line, a SW routine is needed that disables first the line 1 (forcing P1=0) and then the line 2 ( forcing P2=0) so as to detect which line is in Off Hook condition. The On Hook condition is declared when it persists for T>Tref. Ic Feeding state is referred to a constant feeding current applied to the local loop and equal to 300 µA. STLC3065 25/27 |