| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS28F128P30B85 bảng dữ liệu(PDF) 78 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
JS28F128P30B85 bảng dữ liệu(HTML) 78 Page - Numonyx B.V |
|
78 / 99 page ![]() P30 Datasheet November 2007 78 Order Number: 306666-11 7. The "current state" is that of the "chip" and not of the "partition"; Each partition "remembers" which output (Array, ID/CFI or Status) it was last pointed to on the last instruction to the "chip", but the next state of the chip does not depend on where the partition's output mux is presently pointing to. 8. Confirm commands (Lock Block, Unlock Block, Lock-Down Block, Configuration Register) perform the operation and then move to the Ready State. 9. WA0 refers to the block address latched during the first write cycle of the current operation. |