| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLC3055 bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC3055 bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 22 page ![]() APPENDIX C TYPICAL STATE DIAGRAM FOR STLC3055 OPERATION Tj>Tth PD=0, D0=D1=0 PD=1, D0=D1=0 Power Down HI-Z Feeding Off Hook Detection Active Off Hook On Hook Detection for T>Tref Active On Hook Ringing Ring Burst D0=1, D1=0, D2=0/1 Ring Trip Detection Normally used for On Hook Transmission Ring Pause D0=0, D1=1, D2=0 Ring Burst Off Hook Detection D0=0, D1=1, D2=0 On Hook Condition Note: all state transitions are under the microprocessor control. Figure C1. STLC3055 20/22 |