| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS28F640P30T85 bảng dữ liệu(PDF) 74 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
JS28F640P30T85 bảng dữ liệu(HTML) 74 Page - Numonyx B.V |
|
74 / 99 page ![]() P30 Datasheet November 2007 74 Order Number: 306666-11 Figure 34: Write State Machine—Next State Table (Sheet 3 of 6) Setup Busy Setup Busy Suspend Setup BP Load 1 BP Load 2 BP Confirm BP Busy BP Suspend Setup Busy Suspend Erase Word Program OTP Ready Current Chip State (7) BP Lock/CR Setup OTP Setup (4) Lock Block Confirm (8) Lock-Down Block Confirm (8) Write RCR Confirm (8) Block Address (?WA0) 9 Illegal Cmds or BEFP Data (1) (C0H) (01H) (2FH) (03H) (XXXXH) (all other codes) OTP Setup Ready (Lock Error) Ready (Lock Block) Ready (Lock Down Blk) Ready (Set CR) Ready N/A Ready Ready (BP Load 2 BP Load 2 Ready BP Confirm if Data load into Program Buffer is complete; ELSE BP Load 2 Ready (Error) (Proceed if unlocked or lock error) Ready (Error) Ready Ready N/A BP Confirm if Data load into Program Buffer is complete; ELSE BP load 2 Ready (Error) BP Busy Erase Busy Word Program Suspend BP Load 1 BP Load 2 OTP Busy Word Program Busy Word Program Busy WSM Operation Completes Command Input to Chip and resulting Chip Next State N/A Ready (Lock Error) Ready BP Suspend Ready (Error) Erase Suspend N/A N/A |