công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST26C31B bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện ST26C31B
Giải thích chi tiết về linh kiện  CMOS quad 3-state differential line driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C31B bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button ST26C31B Datasheet HTML 2Page - STMicroelectronics ST26C31B Datasheet HTML 3Page - STMicroelectronics ST26C31B Datasheet HTML 4Page - STMicroelectronics ST26C31B Datasheet HTML 5Page - STMicroelectronics ST26C31B Datasheet HTML 6Page - STMicroelectronics ST26C31B Datasheet HTML 7Page - STMicroelectronics ST26C31B Datasheet HTML 8Page - STMicroelectronics ST26C31B Datasheet HTML 9Page - STMicroelectronics ST26C31B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
ST26C31B
6/15
3
Electrical characteristics
Table 6.
Electrical characteristics (VCC = 5 V ± 10 %, unless otherwise specified
(1))
1.
Unless otherwise specified, min./max. limits apply across the recommended operating temperature range. All typical are
given for VCC = 5 V and TA = 25 °C
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
VIH
High level input voltage
2
V
VIL
Low level input voltage
0.8
V
VOH
High level output voltage
VIN = VIH or VIL, IOUT = -20mA
2.5
3.4
V
VOL
Low level output voltage
VIN = VIH or VIL, IOUT = +20mA
0.3
0.5
V
VT
Differential output voltage
RL = 100 Ω
(2)
2.
See EIA Specification RS422 for exact test conditions.
23.1
V
VT-VT
Difference in differential
output voltage
RL = 100 Ω
(2)
0.4
V
VOS
Common mode output
voltage
RL = 100 Ω
(2)
1.8
3
V
VOS-
VOS
Difference in common
mode output voltage
RL = 100 Ω
(2)
0.4
V
IIN
Input current
VIN = VCC, GND, VIH or VIL
±1
µA
ICC
Quiescent supply current
(2)
IOUT = 0 µA
VIN = VCC or GND
200
500
µA
VIN = 2.4 or 0.5 V
(3)
3.
Measured per pin input. All other input at VCC or GND.
0.8
2
mA
IOZ
3-state output leakage
current
VOUT = VCC or GND
ENABLE = VIL
ENABLE = VIH
±0.5
±5
µA
ISC
Output short circuit
current
VIN = VCC or GND
(2) (4)
4.
This is the current sourced when a high output is shorted to ground. Only one output at time should be shorted.
-30
-150
mA
IOFF
Power off output leakage
current (2)
VCC = 0 V
VOUT = 6 V
100
µA
VOUT = -0.25 V
-100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15