| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M41ST85WMH6 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST85WMH6 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 41 page ![]() Operating modes M41ST85W 12/41 2 Operating modes The M41ST85W clock operates as a slave device on the serial bus. Access is obtained by implementing a start condition followed by the correct slave address (D0h). The 64 bytes contained in the device can then be accessed sequentially in the following order: 1. Tenths/Hundredths of a Second Register 2. Seconds Register 3. Minutes Register 4. Century/Hours Register 5. Day Register 6. Date Register 7. Month Register 8. Year Register 9. Control Register 10. Watchdog Register 11 - 16. Alarm Registers 17 - 19. Reserved 20. Square Wave Register 21 - 64. User RAM The M41ST85W clock continually monitors VCC for an out-of-tolerance condition. Should VCC fall below VPFD, the device terminates an access in progress and resets the device address counter. Inputs to the device will not be recognized at this time to prevent erroneous data from being written to the device from a an out-of-tolerance system. When VCC falls below VSO, the device automatically switches over to the battery and powers down into an ultra low current mode of operation to conserve battery life. As system power returns and VCC rises above VSO, the battery is disconnected, and the power supply is switched to external VCC. Write protection continues until VCC reaches VPFD(min) plus trec (min). For more information on Battery Storage Life refer to Application Note AN1012. 2.1 2-wire bus characteristics The bus is intended for communication between different ICs. It consists of two lines: a bi- directional data signal (SDA) and a clock signal (SCL). Both the SDA and SCL lines must be connected to a positive supply voltage via a pull-up resistor. The following protocol has been defined: ● Data transfer may be initiated only when the bus is not busy. ● During data transfer, the data line must remain stable whenever the clock line is High. ● Changes in the data line, while the clock line is High, will be interpreted as control signals. Accordingly, the following bus conditions have been defined: |