| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS204IDT bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LS204IDT bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 16 page ![]() Electrical characteristics LS204 4/16 3 Electrical characteristics Table 3. Electrical characteristics at VCC = ±15 V, Tamb = +25° C (unless otherwise specified) Symbol Parameter LS204I LS204C Unit Min. Typ. Max. Min. Typ. Max. ICC Supply current 0.7 1.2 0.8 1.5 mA Iib Input bias current Tmin < Tamb < Tmax 50 150 300 100 300 700 nA R i Input resistance (F = 1kHz) 1 1 M Ω Vio Input offset voltage (Rs ≤ 10kΩ) Tmin < Tamb < Tmax 0.5 2.5 3.5 0.5 3.5 5 mV DVio Input offset voltage drift (Rs ≤ 10kΩ) Tmin < Tamb < Tmax 55 µV/°C Iio Input offset current Tmin < Tamb < Tmax 520 40 12 50 100 nA DIio Input offset current drift Tmin < Tamb < Tmax 0.08 0.1 nA/°C Ios Output short-circuit current 23 23 mA Avd Large signal voltage gain Tmin < Tamb < Tmax RL = 2kΩ, VCC = ±15V RL = 2kΩ, VCC = ±4V 90 100 95 86 100 95 dB GBP Gain bandwidth product (F =100kHz) 1.8 3 1.5 2.5 MHz en Equivalent input noise voltage F = 1kHz, Rs = 100Ω Rs = 50Ω Rs = 1kΩ Rs = 10kΩ 8 10 18 10 12 20 THD Total harmonic distortion (F = 1kHz, Av = 20dB, RL = 2kΩ, Vo = 2Vpp) 0.03 0.03 % ±Vopp Output voltage swing RL = 2kΩ, VCC = ±15V RL = 2kΩ, VCC = ±4V ±13 ±3 ±13 ±3 V Vopp Large signal voltage swing RL = 10kΩ, F= 10kHz 28 28 Vpp SR Slew rate (RL = 2kΩ, unity gain) 0.8 1.5 1 V/µs SVR Supply voltage rejection ratio Tmin < Tamb < Tmax 90 86 dB CMR Common mode rejection ratio Vic = ±10V Tmin < Tamb < Tmax 90 86 dB Vo1/Vo2 Channel separation (F= 1 kHz) 100 120 120 dB nV Hz ------------ |