| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TPD4E004DRYR bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TPD4E004DRYR bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 12 page ![]() www.ti.com IO3 IO4 GND IO2 IO1 V CC ABSOLUTE MAXIMUM RATINGS (1) TPD4E004 4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES SLVS729A – FEBRUARY 2008 – REVISED FEBRUARY 2008 PIN DESCRIPTION TERMINAL DESCRIPTION NAME NO. GND 3 Ground IOx 1,2,4,5 ESD-protected channel VCC 6 Power-supply input over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.3 5.5 V VIO Input/output voltage range –0.3 VCC + 0.3 V Tstg Storage temperature range –65 150 °C TJ Junction temperature 150 °C Infrared (15 s) 220 Bump temperature (soldering) °C Vapor phase (60 s) 215 Lead temperature (soldering, 10 s) 300 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum-rated conditions for extended periods may affect device reliability. 2 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TPD4E004 |