công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

V61C51161024 bảng dữ liệu(PDF) 7 Page - Mosel Vitelic, Corp

tên linh kiện V61C51161024
Giải thích chi tiết về linh kiện  64K x 16 HIGH SPEED STATIC RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOSEL [Mosel Vitelic, Corp]
Trang chủ  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V61C51161024 bảng dữ liệu(HTML) 7 Page - Mosel Vitelic, Corp

Back Button V61C51161024 Datasheet HTML 2Page - Mosel Vitelic, Corp V61C51161024 Datasheet HTML 3Page - Mosel Vitelic, Corp V61C51161024 Datasheet HTML 4Page - Mosel Vitelic, Corp V61C51161024 Datasheet HTML 5Page - Mosel Vitelic, Corp V61C51161024 Datasheet HTML 6Page - Mosel Vitelic, Corp V61C51161024 Datasheet HTML 7Page - Mosel Vitelic, Corp V61C51161024 Datasheet HTML 8Page - Mosel Vitelic, Corp V61C51161024 Datasheet HTML 9Page - Mosel Vitelic, Corp V61C51161024 Datasheet HTML 10Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MOSEL VITELIC
V61C51161024
7
V61C51161024 Rev. 1.0 July 1998
Switching Waveforms (Write Cycle)
Write Cycle 1 (WE Controlled)(4)
Write Cycle 2 (CE Controlled)(4)
NOTES:
1.
The internal write time of the memory is defined by the overlap of CE active and WE low. All signals must be active to initiate and
any one signal can terminate a write by going inactive. The data input setup and hold timing should be referenced to the second
transition edge of the signal that terminates the write.
2.
tWR is measured from the earlier of CE or WE going high.
3.
During this period, I/O pins are in the output state so that the input signals of opposite phase to the outputs must not be applied.
4.
OE = VIL or VIH. However it is recommended to keep OE at VIH during write cycle to avoid bus contention.
5.
If CE is LOW during this period, I/O pins are in the output state. Then the data input signals of opposite phase to the outputs must
not be applied to them.
6.
tCW is measured from CE going low to the end of write.
ADDRESS
OUTPUT
INPUT
CE
WE
51161024-10
tWC
tCW
(6)
tDW
tDH
tAW
tWR
(2)
tWHZ
(3)
tWP
(1)
tAS
UBE, LBE
tBW
ADDRESS
OUTPUT
INPUT
CE
WE
UBE, LBE
51161024-11
tWC
tDW
tDH
tAW
tWR
(2)
Hi-Z
tAS
(5)
tCW
(6)
tBW



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com