| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STE2002DIE2 bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2002DIE2 bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 51 page ![]() STE2002 28/51 Table 8. MULTIPLEXING RATIO Table 9. TEMPERATURE COEFFICIENT Table 10. Table 11. CHARGE PUMP MULTIPLICATION FACTOR Table 12. BIAS RATIO M[1] M[0] DESCRIPTION RESET STATE 00 49 01 65 01 10 81 1 1 Not Used T2 T1 T0 DESCRIPTION RESET STATE 0 0 0 VLCD temperature Coefficient 0 0 0 1 VLCD temperature Coefficient 1 0 1 0 VLCD temperature Coefficient 2 0 1 1 VLCD temperature Coefficient 3 000 1 0 0 VLCD temperature Coefficient 4 1 0 1 VLCD temperature Coefficient 5 1 1 0 VLCD temperature Coefficient 6 1 1 1 VLCD temperature Coefficient 7 TC1 TC0 DESCRIPTION RESET STATE 0 0 VLCD temperature Coefficient 0 0 1 VLCD temperature Coefficient 2 00 1 0 VLCD temperature Coefficient 3 1 1 VLCD temperature Coefficient 6 CP2 CP1 CP0 DESCRIPTION RESET STATE 000 Multiplication Factor X2 001 Multiplication Factor X3 010 Multiplication Factor X4 011 Multiplication Factor X5 000 100 Multiplication Factor X6 1 0 1 NOT USED 1 1 0 NOT USED 1 1 1 AUTOMATIC BS2 BS1 BS0 DESCRIPTION RESET STATE 0 0 0 Bias Ratio equal to 7 0 0 1 Bias Ratio equal to 6 0 1 0 Bias Ratio equal to 5 0 1 1 Bias Ratio equal to 4 000 1 0 0 Bias Ratio equal to 3 1 0 1 Bias Ratio equal to 2 1 1 0 Bias Ratio equal to 1 1 1 1 Bias Ratio equal to 0 |