| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XC2000 bảng dữ liệu(PDF) 43 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC2000 bảng dữ liệu(HTML) 43 Page - Infineon Technologies AG |
|
43 / 729 page ![]() XC2000 Derivatives Peripheral Units (Vol. 2 of 2) The General Purpose Timer Units Preliminary User’s Manual 14-25 V1.0, 2007-06 GPT_X7, V2.0 Figure 14-17 GPT1 Timer Reload Configuration for PWM Generation Note: Although possible, selecting the same reload trigger event for both auxiliary timers should be avoided. In such a case, both reload registers would try to load the core timer at the same time. If this combination is selected, T2 is disregarded and the contents of T4 is reloaded. MCA05401 T2IRQ Auxiliary Timer T2 Edge Select T2I Reload 0 1 MUX T2I.2 Toggle Latch T3OUT T3IRQ Count T3R Core Timer T3 Operating Mode Control BPS1 T3I Up/Down T3IN f GPT T2IN Auxiliary Timer T4 Edge Select T4I Reload 0 1 MUX T4I.2 T4IN T4IRQ |