công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T87C5112-RKUEV bảng dữ liệu(PDF) 41 Page - ATMEL Corporation

tên linh kiện T87C5112-RKUEV
Giải thích chi tiết về linh kiện  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKUEV bảng dữ liệu(HTML) 41 Page - ATMEL Corporation

Back Button T87C5112-RKUEV Datasheet HTML 37Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 38Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 39Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 40Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 41Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 42Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 43Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 44Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
Rev. B - November 10, 2000
41
Preliminary
T80C5112
12.3.2. Master Input Slave Output (MISO)
This 1-bit signal is directly connected between the Slave Device and a Master Device. The MISO line is used to
transfer data in series from the Slave to the Master. Therefore, it is an output signal from the Slave, and an input
signal to the Master. A byte (8-bit word) is transmitted most significant bit (MSB) first, least significant bit (LSB) last.
12.3.3. SPI Serial Clock (SCK)
This signal is used to synchronize the data movement both in and out the devices through their MOSI and MISO
lines. It is driven by the Master for eight clock cycles which allows to exchange one byte on the serial lines.
12.3.4. Slave Select (SS)
Each Slave peripheral is selected by one Slave Select pin (SS). This signal must stay low for any message for a
Slave. It is obvious that only one Master (SS high level) can drive the network. The Master may select each Slave
device by software through port pins (Figure 15). To prevent bus conflicts on the MISO line, only one slave should
be selected at a time by the Master for a transmission.
In a Master configuration, the SS line can be used in conjunction with the MODF flag in the SPI Status register
(SPSTA) to prevent multiple masters from driving MOSI and SCK (See Error conditions).
A high level on the SS pin puts the MISO line of a Slave SPI in a high-impedance state.
The SS pin could be used as a general purpose if the following conditions are met:
·
The device is configured as a Master and the SSDIS control bit in SPCON is set. This kind of configuration
can be found when only one Master is driving the network and there is no way that the SS pin will be
pulled low. Therefore, the MODF flag in the SPSTA will never be set1.
·
The Device is configured as a Slave with CPHA and SSDIS control bits set2. This kind of configuration
can happen when the system comprises one Master and one Slave only. Therefore, the device should always
be selected and there is no raison that the Master uses the SS pin to select the communicating Slave device.
12.3.5. Baud rate
In Master mode, the baud rate can be selected from a baud rate generator which is controled by three bits in the
SPCON register: SPR2, SPR1 and SPR0. The Master clock is chosen from one of seven clock rates resulting from
the division of the internal clock by 2, 4, 8, 16, 32, 64 or 128, or an external clock.
Table 21 gives the different clock rates selected by SPR2:SPR1:SPR0:
Table 21. SPI Master baud rate selection
1.
Clearing SSDIS control bit does not clear MODF.
2.
Special care should be taken not to set SSDIS control bit when CPHA = Õ0Õ because in this mode, the
SS is used to start the transmission.
SPR2:SPR1:SPR0
Clock Rate
Baud rate divisor (BD)
000
FCkIdle /2
2
001
FCkIdle /4
4
010
FCkIdle /8
8
011
FCkIdle/16
16
100
FCkIdle /32
32
101
FCkIdleH /64
64
110
FCkIdle /128
128
111
External clock
Output of BRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com