công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX27 bảng dữ liệu(PDF) 13 Page - Freescale Semiconductor, Inc

tên linh kiện IMX27
Giải thích chi tiết về linh kiện  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27 bảng dữ liệu(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button IMX27 Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 122 page
background image
Functional Description and Application Information
i.MX27/i.MX27L Data Sheet, Advance Information, Rev. 1
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
13
CSPI3 is only a master and has one chip-select signal. The transfer continuation function of the CSPI
enables unlimited length data transfers using 32-bit wide by 8-entry FIFO for both TX and RX data DMA
support.
The CSPI ready (SPI_RDY) and chip select (SS) control signals enable fast data communication with
fewer software interrupts. When the CSPI module is configured as a master, it uses a serial link to transfer
data between the CSPI and an external device. A chip-enable signal and a clock signal are used to transfer
data between these two devices. When the CSPI module is configured as a slave, the user can configure
the CSPI Control register to match the external SPI master’s timing.
2.3.10
Direct Memory Access Controller (DMAC)
The direct memory access controller (DMAC) provides 16 channels to support linear memory, 2D
memory, FIFO, and end-of-burst enable FIFO transfers to support a wide variety of DMA operations.
Features include the following:
•
Support of 16 channels linear memory, 2D memory, and FIFO for both source and destination
•
Support of 8-bit, 16-bit, or 32-bit FIFO port size and memory port size data transfer
•
Configurability of DMA burst length of up to a maximum of 16 words, 32 half-words, or 64 bytes
for each channel
•
Bus utilization control for a channel that is not triggered by DMA request
•
Interrupts that are provided to interrupt handler on bulk data transfer complete or transfer error
•
DMA burst time-out error to terminate DMA cycle when the burst cannot be completed in a
programmed timing period
•
Dedicated external DMA request and grant signal
•
Support of increment, decrement, and no increment for source and destination addressing
•
Support of DMA chaining
2.3.11
enhanced MultiMedia Accelerator Light (eMMA_lt)
The enhanced MultiMedia Accelerator Light (eMMA_lt) consists of the video pre-processor (PrP) and
post-processor (PP). In contrast with i.MX21 processor’s components, this eMMA does not include the
video codec. A more powerful video codec is included as a separate module.
NOTE
The i.MX27L does not have a eMMA_lt module.
Each module has individual control and configuration registers that are accessed via the IP interface, and
are capable of bus mastering the AMBA bus to independently access system memory without any CPU
intervention. This enables each module to be used independently of each other, and enables the
pre-processor and post-processor modules to provide acceleration features for other software codec
implementations and image processing software. These blocks work together to provide video
acceleration, and to off-load the CPU from computation intensive tasks. The PrP and PP can be used for
generic video pre- and post-processing, such as scaling, resizing, and color space conversions. A
32-bit-to-64-bit AHB gasket is used to convert a PrP AHB bus from a 32-bit to 64-bit protocol. A bypass
function is implemented to bypass this 64-bit gasket if it is not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com