| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T87C5112-RKSCV bảng dữ liệu(PDF) 3 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T87C5112-RKSCV bảng dữ liệu(HTML) 3 Page - ATMEL Corporation |
|
3 / 97 page ![]() Rev. B - November 10, 2000 3 Preliminary T80C5112 4. alias SFR Mapping The Special Function Registers (SFRs) of the T80C5112 belongs to the following categories: · C51 core registers: ACC, B, DPH, DPL, PSW, SP, AUXR, AUXR1 · I/O port registers: P0, P1, P2, P3, P4, P1M1, P1M2, P3M1, P3M2, P4M1, P4M2 · Timer registers: TCON, TH0, TH1, TMOD, TL0, TL1 · Serial I/O port registers: SADDR, SADEN, SBUF, SCON, BRL, BDRCON · Power and clock control registers: CKCON0, CKCON1, OSCCON, CKSEL, PCON, CKRL · Interrupt system registers: IE, IE1, IPL0, IPL1, IPH0, IPH1 · WatchDog Timer: WDTRST, WDTPRG · SPI: SPCON, SPSTA, SPDAT · PCA: CCAP0L, CCAP1L, CCAP2L, CCAP3L, CCAP4L, CCAP0H, CCAP1H, CCAP2H, CCAP3H, CCAP4H, CCAPM0, CCAPM1, CCAPM2, CCAPM3, CCAPM4, CL, CH, CMOD, CCON · ADC: ADCCON, ADCCLK, ADCDATH, ADCDATL, ADCF Table 1. SFR Addresses and Reset Values Notes: "C", value defined by the configuration byte, see Section ÒConfiguration byteÓ, page 11 0/8 1/9 2/A 3/B 4/C 5/D 6/E 7/F F8h CH 0000 0000 CCAP0H XXXX XXXX CCAP1H XXXX XXXX CCAP2H XXXX XXXX CCAP3H XXXX XXXX CCAP4H XXXX XXXX FFh F0h B 0000 0000 ADCLK 0000 0000 ADCON 0000 0000 ADDL XXXXXX00 ADDH 0000 0000 ADCF 0000 0000 F7h E8h CL 0000 0000 CCAP0L XXXX XXXX CCAP1L XXXX XXXX CCAP2L XXXX XXXX CCAP3L XXXX XXXX CCAP4L XXXX XXXX CONF 1111 111X EFh E0h ACC 0000 0000 P1M2 0000 0000 P3M2 0000 0000 P4M2 0000 0000 E7h D8h CCON 00X0 0000 CMOD X000 0000 CCAPM0 00XX X000 CCAPM1 X000 0000 CCAPM2 X000 0000 CCAPM3 X000 0000 CCAPM4 X000 0000 DFh D0h PSW 0000 0000 P1M1 0000 0000 P3M1 0000 0000 P4M1 0000 0000 D7h C8h CFh C0h P4 1111 1111 SPCON 0001 0100 SPSTA XXXXXXXX SPDAT XXXX XXXX C7h B8h IPL0 0000 0000 SADEN 0000 0000 BFh B0h P3 1111 1111 IE1 0000 0000 IPL1 0000 0000 IPH1 0000 0000 IPH0 X000 0000 B7h A8h IE0 0000 0000 SADDR 0000 0000 CKCON1 XXXX XXX0 AFh A0h P2 1111 1111 AUXR1 XXXXXXX0 WDRST 0000 0000 WDTPRG 0000 0000 A7h 98h SCON 0000 0000 SBUF XXXX XXXX BRL 0000 0000 BDRCON 0000 0000 9Fh 90h P1 1111 1111 CKRL 1111 1111 97h 88h TCON 0000 0000 TMOD 0000 0000 TL0 0000 0000 TL1 0000 0000 TH0 0000 0000 TH1 0000 0000 AUXR XXXXXXX0 CKCON0 X000X000 8Fh 80h P0 1111 1111 SP 0000 0111 DPL 0000 0000 DPH 0000 0000 CKSEL XXXX XXXC OSCCON XXXX XXCC PCON 00X1 0000 87h 0/8 1/9 2/A 3/B 4/C 5/D 6/E 7/F |